PART |
Description |
Maker |
S7DB-12C180 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A 非隔离式DC / DC转换.3V输入/.2V - 2.5V输出/ 12A
|
Bel Fuse Inc. Bel Fuse, Inc.
|
IR3476MTR1PBF IR3476MTRPBF IR347613 2R5TPE330M9 C1 |
12A Highly Integrated SupIRBuck Continuous 12A Load Capability Compensation Loop not Required
|
International Rectifier
|
1N1206RA 1N1202A 1N1202RA JAN1N1202A 1N1204RA 1N36 |
12A silicon power rectifier, 200V 12A silicon power rectifier, 1000V Military Silicon Power Rectifier 12A silicon power rectifier, 400V 12A silicon power rectifier, 600V 12A silicon power rectifier, 800V
|
MICROSEMI[Microsemi Corporation] http://
|
2SD1047 2SD1047E |
TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 12A I(C) | TO-247VAR 晶体管|晶体管| npn型| 140伏特五(巴西)总裁| 12A条一(c)|47VAR POWER TRANSISTORS(12A/140V/100W) POWER TRANSISTORS(12A,140V,100W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF230-233 IRF231 IRF232 IRF233 MTP12N18 MTP12N20 |
N-Channel Power MOSFETs, 12A, 150-200 V 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Power MOSFETs, 12A, 150-200 V N沟道功率MOSFET,第12A50-200 V (MTP12N18 / MTP12N20) N-Channel Power MOSFETs N-Channel Power MOSFETs/ 12A/ 150-200 V N-Channel Power MOSFETs 12A 150-200 V
|
http:// Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
2SD2639 2SB1683 |
General-Purpose Amplifier Transistors 140V / 12A, AF 60W Output Applications 140V / 12A / AF 60W Output Applications
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
195-MB02 195-MB22 195-MB40 195-MB11 199-MXM1 100-M |
CONTACTOR 9A 24VDC 接触9A4Vdc CONTACTOR 5A 24VAC CONTACTOR 12A 24VDC CONTACTOR 5A 24VDC CONTACTOR 12A 24VAC CONTACTOR 9A 230VAC CONTACTOR 9A 24VAC CONTACTOR 5A 110VAC CONTACTOR 12A 110VAC MECHANICAL INTERLOCK AC CONTACT BLOCK AUX 1N0/1NC CONTACT BLOCK AUXILIARY 4NO CONTACT BLOCK AUX 2N0/2NC CONTACT BLOCK AUXILIARY 2NC
|
Princeton Technology, Corp.
|
STS12NF30L 6069 |
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.0085 - 12A SO-8 STripFET TM POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
HUF76407P3 |
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|